| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5304 Fiches technique(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5304 Fiches technique(HTML) 3 Page - ams AG |
|
3 / 13 page ![]() AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection Revision 1.5 www.austriamicrosystems.com Page 3 of 13 6.1 Pin Description Pin Pin Name Pin Type Notes 1 VSS S Supply ground 2 A DO_OD Incremental quadrature position output A. Short circuit current limitation 3 VDDP S Peripheral supply pin, connect to VDD 4 B DO_OD Incremental quadrature position output B. Short Circuit Current Limitation 5,12,13, 14,17,18,19 TEST AIO test pins, must be left open 6 AO AO AGC Analogue Output. (Used to detect low magnetic field strength) 7 VDD S Positive supply pin 8 Index DO_OD Index output, active HIGH. Short Circuit Current Limitation 9,10,11 TEST AIO test pins, must be left open 15 TEST_GND S test pin, must be connected to VSS 16 VDDA Hall S Hall Bias Supply Support (connected to VDD) 20 ZPZmskdis DI Test input, connect to VSS during operation PIN Types: S supply pin AO analogue output AIO analog input / output DI digital input DO_OD digital output push pull or open drain (programmable) 6.2 Package Drawings and Markings 20 Lead Thin Shrink Small Outline Package – TSSOP20 |