Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5163 Fiches technique(PDF) 21 Page - ams AG

No de pièce AS5163
Description  12 BIT AUTOMOTIVE Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5163 Fiches technique(HTML) 21 Page - ams AG

Back Button AS5163 Datasheet HTML 17Page - ams AG AS5163 Datasheet HTML 18Page - ams AG AS5163 Datasheet HTML 19Page - ams AG AS5163 Datasheet HTML 20Page - ams AG AS5163 Datasheet HTML 21Page - ams AG AS5163 Datasheet HTML 22Page - ams AG AS5163 Datasheet HTML 23Page - ams AG AS5163 Datasheet HTML 24Page - ams AG AS5163 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AS5163 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 2.4
www.austriamicrosystems.com/AS5163
Page 21 of 33
Figure 16: Bus timing for the READ commands
In case of a WRITE command, the device stays in slave communication mode and will not switch to master communication
mode.
When using other commands like DOWNLOAD, UPLOAD, etc. instead of READ or WRITE, it does not matter what is written
in the address fields (ADDR1, ADDR2).
8.2.1
Unblock
The Unblock command can be used to reset only the one-wire interface of the AS5163 in order to recover the possibility to
communicate again without the need of a POR after a stacking event due to noise on the bus line or misalignment with the
AS5163 protocol.
The command is composed by a not idle phase of at least 6 TBIT followed by a packet with all 20 bits at zero (see picture
below).
Figure 17: Unblock sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33