Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5130ASSU Fiches technique(PDF) 37 Page - ams AG

No de pièce AS5130ASSU
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5130ASSU Fiches technique(HTML) 37 Page - ams AG

Back Button AS5130ASSU Datasheet HTML 32Page - ams AG AS5130ASSU Datasheet HTML 33Page - ams AG AS5130ASSU Datasheet HTML 34Page - ams AG AS5130ASSU Datasheet HTML 35Page - ams AG AS5130ASSU Datasheet HTML 36Page - ams AG AS5130ASSU Datasheet HTML 37Page - ams AG AS5130ASSU Datasheet HTML 38Page - ams AG AS5130ASSU Datasheet HTML 39Page - ams AG AS5130ASSU Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
37 - 40
AS5130
Data Sheet - P a c k age Drawings and Markings
9 Package Drawings and Markings
The device is available in a 16-Lead Shrink Small Outline Package.
Figure 30. SSOP-16 Package Drawings
Table 11. SSOP-16 package dimensions
Symbol
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.73
1.86
1.99
0.068
0.073
0.078
A1
0.05
0.13
0.21
0.002
0.005
0.008
A2
1.68
1.73
1.78
0.066
0.068
0.070
b
0.25
0.315
0.38
0.010
0.012
0.015
c
0.09
-
0.20
0.004
-
0.008
D
6.07
6.20
6.33
0.239
0.244
0.249
E
7.65
7.8
7.9
0.301
0.307
0.311
E1
5.2
5.3
5.38
0.205
0.209
0.212
e
0.65
0.0256
K
0º
-
8º
0º
-
8º
L
0.63
0.75
0.95
0.025
0.030
0.037
AYWWIZZ
AS5130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40