Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5130ASST Fiches technique(PDF) 36 Page - ams AG

No de pièce AS5130ASST
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5130ASST Fiches technique(HTML) 36 Page - ams AG

Back Button AS5130ASST Datasheet HTML 32Page - ams AG AS5130ASST Datasheet HTML 33Page - ams AG AS5130ASST Datasheet HTML 34Page - ams AG AS5130ASST Datasheet HTML 35Page - ams AG AS5130ASST Datasheet HTML 36Page - ams AG AS5130ASST Datasheet HTML 37Page - ams AG AS5130ASST Datasheet HTML 38Page - ams AG AS5130ASST Datasheet HTML 39Page - ams AG AS5130ASST Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
36 - 40
AS5130
Data Sheet - A p p l ic at i on I n f o r m at i on
described above may be re-run at defined X-and Y- misplacements of the magnet to determine the maximum
acceptable lateral displacement range. It is recommended to disable the AGC for both these tests (see Analog Sin/
Cos Outputs with External Interpolator on page 14).
Note: For preferred magnet suppliers, please refer to the austriamicrosystems website (Rotary Encoder section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40