Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5130 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Fiches technique(HTML) 2 Page - ams AG

  AS5130_09 Datasheet HTML 1Page - ams AG AS5130_09 Datasheet HTML 2Page - ams AG AS5130_09 Datasheet HTML 3Page - ams AG AS5130_09 Datasheet HTML 4Page - ams AG AS5130_09 Datasheet HTML 5Page - ams AG AS5130_09 Datasheet HTML 6Page - ams AG AS5130_09 Datasheet HTML 7Page - ams AG AS5130_09 Datasheet HTML 8Page - ams AG AS5130_09 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
2 - 40
AS5130
Data Sheet - A p p l i c a t i o n s
Contents
1 General Description..............................................................................................................................
1
2 Key Features ........................................................................................................................................
1
3 Applications ..........................................................................................................................................
1
4 Pin Assignments...................................................................................................................................
4
Pin Descriptions ...................................................................................................................................................
4
5 Absolute Maximum Ratings..................................................................................................................
5
6 Electrical Characteristics ......................................................................................................................
6
Timing Characteristics ..........................................................................................................................................
9
Magnetic Input Range ..........................................................................................................................................
9
7 Detailed Description ...........................................................................................................................
10
Connecting the AS5130 .....................................................................................................................................
10
Serial 3-Wire Connection (Default Setting) .................................................................................................... 10
Serial 3-Wire Connection (OTP Programming Option) .................................................................................. 12
1-Wire PWM Connection................................................................................................................................ 12
Analog Output ................................................................................................................................................ 13
Analog Sin/Cos Outputs with External Interpolator ........................................................................................ 14
Serial Synchronous Interface (SSI) ....................................................................................................................
15
Commands of the SSI in Normal Mode.......................................................................................................... 15
Commands of the SSI in Extended Mode ...................................................................................................... 16
Multi Turn Counter..............................................................................................................................................
19
AS5130 Status Indicators ...................................................................................................................................
19
Lock Status Bit ............................................................................................................................................... 19
Magnetic Field Strength Indicators................................................................................................................. 20
“Pushbutton” Feature .........................................................................................................................................
20
High Speed Operation ........................................................................................................................................
21
Propagation Delay.......................................................................................................................................... 21
Sampling Rate................................................................................................................................................ 21
Chip Internal Lowpass Filtering...................................................................................................................... 21
Digital Readout Rate ...................................................................................................................................... 22
Total Propagation Delay of the AS5130......................................................................................................... 22
Reduced Power Modes ......................................................................................................................................
22
Low Power Mode ........................................................................................................................................... 22
Power Cycling Mode ...................................................................................................................................... 23
Polling Mode .................................................................................................................................................. 24
8 Application Information .......................................................................................................................
27
Benefits of AS5130............................................................................................................................................
27
Application Example 1........................................................................................................................................
27
Application Example II 3-wire sensor with magnetic field strength indication.....................................................
27
Application Example III: Low-power encoder .....................................................................................................
28
Application Example IV: Polling mode................................................................................................................
29
Accuracy of the Encoder system........................................................................................................................
29
Quantization Error .......................................................................................................................................... 29
Vertical Distance of the Magnet ..................................................................................................................... 31
Choosing the Proper Magnet ......................................................................................................................... 31
Magnet Placement ......................................................................................................................................... 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40