| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5035TR Fiches technique(PDF) 5 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5035TR Fiches technique(HTML) 5 Page - ams AG |
|
5 / 17 page ![]() AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER Revision 1.5 www.austriamicrosystems.com Page 5 of 17 7 Zero Position Programming Zero Position Programming is an OTP option that simplifies assembly of a system, as the magnet does not need to be manually adjusted to the mechanical zero position. Once the assembly is completed, the mechanical and electrical zero positions can be matched by software. Any position within a full turn can be defined as the permanent new index position. For Zero Position Programming, the magnet is turned to the mechanical zero position (e.g. the “off”-position of a rotary switch) and an automatic zero position programming is applied. The zero position is programmed to an accuracy of +/- 0.35°. Figure 6: Hardware connection of AS5035 to AS50xx Demoboard for Zero Position Programming |