Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3910 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Fiches technique(HTML) 2 Page - ams AG

  AS3910 Datasheet HTML 1Page - ams AG AS3910 Datasheet HTML 2Page - ams AG AS3910 Datasheet HTML 3Page - ams AG AS3910 Datasheet HTML 4Page - ams AG AS3910 Datasheet HTML 5Page - ams AG AS3910 Datasheet HTML 6Page - ams AG AS3910 Datasheet HTML 7Page - ams AG AS3910 Datasheet HTML 8Page - ams AG AS3910 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
2 - 47
AS3910
Data Sheet - A p p l i c a t i o n s
Figure 1. AS3910 HF RFID Reader IC Block Diagram
Logic
XTO
XTI
RFO1
RFO2
RFI1
RFI2
SPI
FIFO
Bias
Transmitter
A/D Converter
Receiver
External Field
Detector
Regulators
FIFO
Control Logic
SPI Interface
Framing
Phase &
Amplitude
Detector
Oscillator
AS3910 HF RFID Reader IC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47