| Moteur de recherche de fiches techniques de composants électroniques |
|
AS2534RW Fiches technique(PDF) 4 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2534RW Fiches technique(HTML) 4 Page - ams AG |
|
4 / 25 page ![]() Data Sheet AS2533-36 austriamicrosystems Functional Description Keyboard Connections (Either VOL or +/– keys) Key closure, RON max. = 1 k Ω Key open, ROFF min. = 1 M Ω Figure 2 Keyboard Connection AS2533/36 P PP /// M M M 1 11 2 22 3 33 4 44 5 55 6 66 7 77 M M M 2 22 M M M 3 33 M M M 4 44 M M M R RR R RRP PP P PPS SS T TT /// P PP M M M 1 11 A AA B BB C CC D DD 8 88 9 99 0 00 *** # ## R RR 111 R RR 222 R RR 333 L LL N NN R RR V VVO OO L LL + ++ − −− R1 R2 R3 R4 C1 C2 C3 C4 P PP /// M M M 1 11 2 22 3 33 4 44 5 55 6 66 7 77 R RRP PP P PPS SS T TT /// P PP A AA B BB C CC D DD 8 88 9 99 0 00 *** # ## R RR 111 R RR 222 R RR 333 L LL N NN R RR V VVO OO L LL + ++ − −− R1 R2 R3 R4 C1 C2 C3 C4 Figure 3 Keyboard Connection AS2534 Revision 8.8 Page 4 of 25 |