Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3525 Fiches technique(PDF) 49 Page - ams AG

No de pièce AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Fiches technique(HTML) 49 Page - ams AG

Back Button AS3525 Datasheet HTML 45Page - ams AG AS3525 Datasheet HTML 46Page - ams AG AS3525 Datasheet HTML 47Page - ams AG AS3525 Datasheet HTML 48Page - ams AG AS3525 Datasheet HTML 49Page - ams AG AS3525 Datasheet HTML 50Page - ams AG AS3525 Datasheet HTML 51Page - ams AG AS3525 Datasheet HTML 52Page - ams AG AS3525 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
49
- 194
7.3.4 GPIO - General purpose input/output ports
The ARM PrimeCell™ PL061 “General Purpose Input/Output” is included in the APB system.
•
compliant to AMBA Rev 2.0
•
each port has eight individually programmable input/output pins, default to input at reset
•
four ports A, B, C, D are included
•
programmable interrupt generation capability, from a transition or level condition, on any number of PINs
•
hardware control capability of GPIO’s for different system configurations.
•
bit masking in both read and write operations through address lines
Figure 20 GPIO Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More