Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS2525 Fiches technique(PDF) 22 Page - ams AG

No de pièce AS2525
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS2525 Fiches technique(HTML) 22 Page - ams AG

Back Button AS2525_1 Datasheet HTML 18Page - ams AG AS2525_1 Datasheet HTML 19Page - ams AG AS2525_1 Datasheet HTML 20Page - ams AG AS2525_1 Datasheet HTML 21Page - ams AG AS2525_1 Datasheet HTML 22Page - ams AG AS2525_1 Datasheet HTML 23Page - ams AG AS2525_1 Datasheet HTML 24Page - ams AG AS2525_1 Datasheet HTML 25Page - ams AG AS2525_1 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 22 of 27
Tone Ringer
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
F1
F2
F3
Frequency 1
Frequency 2
Frequency 3
770
1025
1280
800
1067
1333
830
1110
1385
Hz
Hz
Hz
tDT
Detection Time
Initial
100
ms
fMIN
Min. Detection Frequency
12
13
14
Hz
fMAX
Max. Detection Frequency
68
70
75
Hz
Pacifier Tone
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VPARO
Tone Output Level, RO
Tone Output Level, LO1/2
RL = 150
RL = 32
30
300
mVP-P
mVP-P
fPT
Frequency
Key entry
1333
Hz
tTBD
Tone Burst Duration
Key entry
Acknowledge, terminate PG
mode
Rejection, invalid key entry
40
140
4x40
ms
ms
ms
tITP
Inter-Tone Pause
80
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27