Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1972 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS1972
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1972 Fiches technique(HTML) 2 Page - ams AG

  AS1972 Datasheet HTML 1Page - ams AG AS1972 Datasheet HTML 2Page - ams AG AS1972 Datasheet HTML 3Page - ams AG AS1972 Datasheet HTML 4Page - ams AG AS1972 Datasheet HTML 5Page - ams AG AS1972 Datasheet HTML 6Page - ams AG AS1972 Datasheet HTML 7Page - ams AG AS1972 Datasheet HTML 8Page - ams AG AS1972 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
2 - 18
AS1970
Data Sheet - Pi nout and Packaging
4 Pinout and Packaging
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
See Figure 2
IN-
Comparator Inverting Input
IN+
Comparator Non-Inverting Input
INA-
Comparator A Inverting Input
INA+
Comparator A Non-Inverting Input
INB-
Comparator B Inverting Input
INB+
Comparator B Non-Inverting Input
INC-
Comparator C Inverting Input
INC+
Comparator C Non-Inverting Input
IND-
Comparator D Inverting Input
IND+
Comparator D Non-Inverting Input
OUT
Comparator Output
OUTA
Comparator A Output
OUTB
Comparator B Output
OUTC
Comparator C Output
OUTD
Comparator D Output
VCC
Positive Supply Voltage
VEE
Negative Supply Voltage
5
INB+
7
OUTB
6
INB-
8
VCC
4
IN-
5
VEE
1
OUT
2
VCC
3
IN+
5-pin SOT23
AS1972/
AS1973
8-pin MSOP
AS1970/
AS1971
AS1974/
AS1975
14-pin TSSOP
4
VEE
3
INA+
2
INA-
1
OUTA
7
OUTB
6
INB-
5
INB+
4
VCC
3
INA+
2
INA-
1
OUTA
8
OUTC
9
INC-
10 INC+
11 VEE
12 IND+
13 IND-
14 OUTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18