Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1970 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS1970
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1970 Fiches technique(HTML) 13 Page - ams AG

Back Button AS1970_1 Datasheet HTML 9Page - ams AG AS1970_1 Datasheet HTML 10Page - ams AG AS1970_1 Datasheet HTML 11Page - ams AG AS1970_1 Datasheet HTML 12Page - ams AG AS1970_1 Datasheet HTML 13Page - ams AG AS1970_1 Datasheet HTML 14Page - ams AG AS1970_1 Datasheet HTML 15Page - ams AG AS1970_1 Datasheet HTML 16Page - ams AG AS1970_1 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
13 - 18
AS1970
Data Sheet - Ap p lica tio n In fo r m a tio n
Layout Considerations
The AS1970 - AS1975 requires proper layout and design techniques for optimum performance.
!
Power-supply bypass capacitors are not typically needed, although 100nF bypass capacitors should be used when
supply impedance is high, when supply leads are long, or when excessive noise is expected on the supply lines.
!
Minimize signal trace lengths to reduce stray capacitance.
!
A ground plane and surface-mount components are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18