Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1925-BSTT Fiches technique(PDF) 10 Page - ams AG

No de pièce AS1925-BSTT
Description  Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1925-BSTT Fiches technique(HTML) 10 Page - ams AG

Back Button AS1925-BSTT Datasheet HTML 4Page - ams AG AS1925-BSTT Datasheet HTML 5Page - ams AG AS1925-BSTT Datasheet HTML 6Page - ams AG AS1925-BSTT Datasheet HTML 7Page - ams AG AS1925-BSTT Datasheet HTML 8Page - ams AG AS1925-BSTT Datasheet HTML 9Page - ams AG AS1925-BSTT Datasheet HTML 10Page - ams AG AS1925-BSTT Datasheet HTML 11Page - ams AG AS1925-BSTT Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
10 - 12
AS1925/AS1926
Data Sheet - P a c k age Drawin gs an d Ma rkings
10 Package Drawings and Markings
The AS1925/AS1926 are available in an 5-pin SOT23 package.
Figure 13. 5-pin SOT23 Package
Notes:
1. All dimensions are in millimeters.
2. Foot length is measured at the intercept point between datum
A and lead surface.
3. Package outline exclusive of mold flash and metal burr.
4. Package outline inclusive of solder plating.
5. Complies with EIAJ SC74.
6. Package ST003 Revision A supercedes SOT34-D-2005
Revision C.
Symbol
Min
Max
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.30
0.50
C
0.09
0.20
D
2.80
3.05
E
2.60
3.00
E1
1.50
1.75
L
0.30
0.55
e
0.95 Ref
e1
1.90 Ref
α
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12