Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1920 Fiches technique(PDF) 11 Page - ams AG

No de pièce AS1920
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1920 Fiches technique(HTML) 11 Page - ams AG

Back Button AS1920_1 Datasheet HTML 6Page - ams AG AS1920_1 Datasheet HTML 7Page - ams AG AS1920_1 Datasheet HTML 8Page - ams AG AS1920_1 Datasheet HTML 9Page - ams AG AS1920_1 Datasheet HTML 10Page - ams AG AS1920_1 Datasheet HTML 11Page - ams AG AS1920_1 Datasheet HTML 12Page - ams AG AS1920_1 Datasheet HTML 13Page - ams AG AS1920_1 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 14
AS1920/AS1922
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The devices are available in an 5-pin SOT23 package.
Figure 18. 5-pin SOT23 Package
Notes:
1. All dimensions in millimeters.
2. Foot length measured at intercept point between datum A and lead surface.
3. Package outline exclusive of mold flash and metal burr.
4. Package outline inclusive of solder plating.
5. Complies with EIAJ SC74.
6. PKG ST 0003 Rev A supersedes SOT23-D-2005 Rev C.
Symbol
Min
Max
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.30
0.50
C
0.09
0.20
D
2.80
3.05
E
2.60
3.00
E1
1.50
1.75
L
0.30
0.55
e
0.95 REF
e1
1.90 REF
α
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14