Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1907 Fiches technique(PDF) 8 Page - ams AG

No de pièce AS1907
Description  Low-Voltage Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1907 Fiches technique(HTML) 8 Page - ams AG

Back Button AS1907 Datasheet HTML 2Page - ams AG AS1907 Datasheet HTML 3Page - ams AG AS1907 Datasheet HTML 4Page - ams AG AS1907 Datasheet HTML 5Page - ams AG AS1907 Datasheet HTML 6Page - ams AG AS1907 Datasheet HTML 7Page - ams AG AS1907 Datasheet HTML 8Page - ams AG AS1907 Datasheet HTML 9Page - ams AG AS1907 Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.austriamicrosystems.com
Revision 1.05
8 - 10
AS1907/AS1908/AS1909
Data Sheet - P a c k age Drawin gs an d Ma rkings
9 Package Drawings and Markings
The devices are available in an 3-pin SOT23 package.
Figure 12. 3-pin SOT23 Package
Notes:
1. Dimensions D and E do not include mold flash.
2. Mold flash protrusions not to exceed .15mm (.006”).
3. Controlling dimension: millimeter.
Symbol
Min
Max
A
0.787
1.194
A1
0.025
0.127
B
0.356
0.559
C
0.086
0.152
D
2.667
3.048
E
1.194
1.397
e
1.778
2.032
H
2.083
2.489
L
0.102
0.305
S
0.432
0.559
α
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10