| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1902C23 Fiches technique(PDF) 8 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1902C23 Fiches technique(HTML) 8 Page - ams AG |
|
8 / 9 page ![]() www.austriamicrosystems.com Revision 1.51 8 - 9 AS1901, AS1902, AS1903 Data Sheet - O r d e r i n g I n f o r m a t i o n 10 Ordering Information The device is available in the following standard versions. Non-standard versions require a minimum order of 30,000 units. Contact austriamicrosystems for availability of non- standard versions. Standard Part Threshold Duration Marking AS1901C23 2.32 100ms ASBA AS1901C26 2.63 100ms ASBD AS1901C31 3.08 100ms ASBI AS1902C23 2.32 100ms ASBK AS1902C26 2.63 100ms ASBN AS1902C31 3.08 100ms ASBS AS1903C23 2.32 100ms ASBU AS1903C26 2.63 100ms ASBX AS1903C31 3.08 100ms ASB3 |