| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1901C26 Fiches technique(PDF) 2 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1901C26 Fiches technique(HTML) 2 Page - ams AG |
|
2 / 9 page ![]() www.austriamicrosystems.com Revision 1.51 2 - 9 AS1901, AS1902, AS1903 Data Sheet - P i n o u t 4 Pinout Pin Assignments Figure 2. Pin Assignments (Top View) Pin Descriptions Table 1. Pin Descriptions Pin Number Pin Name Description AS1901/AS1903 AS1902 11 GND Ground 2 - RESETN Active-low reset output. RESETN remains low while VDD is below the reset threshold and for tTP after VDD rises above the reset threshold. RESETN is open-drain on the AS1903 and push-pull on the AS1901. - 2 RESET Active-high reset output. RESET remains high while VDD is below the reset threshold and for tTP after VDD rises above the reset threshold. 33 VDD Supply voltage. 3 1 2 Top View AS1901 AS1902 AS1903 SOT23-3 VDD GND RESETN, RESET |