| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1743G Fiches technique(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1743G Fiches technique(HTML) 14 Page - ams AG |
|
14 / 15 page ![]() www.austriamicrosystems.com Revision 1.78 14 - 15 AS1741 Data Sheet - Or dering Informati on 11 Ordering Information The devices are available as the standard products shown in Table 7. Table 7. Ordering Information Model Markings Description Delivery Form Package AS1741G AS1741 Dual SPST Switch Tube 8-pin MSOP AS1741G-T AS1741 Dual SPST Switch Tape and Reel 8-pin MSOP AS1741H-T ASJL Dual SPST Switch Tape and Reel 8-pin SOT23 AS1742G AS1742 Dual SPST Switch Tube 8-pin MSOP AS1742G-T AS1742 Dual SPST Switch Tape and Reel 8-pin MSOP AS1742H-T ASJK Dual SPST Switch Tape and Reel 8-pin SOT23 AS1743G AS1743 Dual SPST Switch Tube 8-pin MSOP AS1743G-T AS1743 Dual SPST Switch Tape and Reel 8-pin MSOP AS1743H-T ASJM Dual SPST Switch Tape and Reel 8-pin SOT23 |