| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1538 Fiches technique(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1538 Fiches technique(HTML) 19 Page - ams AG |
|
19 / 20 page ![]() www.austriamicrosystems.com Revision 1.03 19 - 20 AS1538/AS1540 Data Sheet - O r d e r i n g I n f o r m a t i o n 11 Ordering Information The device is available as the standard products shown in Table 7. Table 7. Ordering Information Model Marking Description Delivery Form Package AS1538-BTST AS1538 8-Channel, 12-Bit I²C Analog-to-Digital Converter Tape and Reel TSSOP-16 AS1538-BTSU AS1538 8-Channel, 12-Bit I²C Analog-to-Digital Converter Tubes TSSOP-16 AS1540-BQFT AS1540 4-Channel, 12-Bit I²C Analog-to-Digital Converter Tape and Reel TQFN 4x4 16-pin |