| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1530 Fiches technique(PDF) 28 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1530 Fiches technique(HTML) 28 Page - ams AG |
|
28 / 29 page ![]() www.austriamicrosystems.com Revision 1.02 28 - 29 AS1530/AS1531 Data Sheet - Or dering Informati on 11 Ordering Information The devices are available as the standard products shown in Table 13. Table 13. Ordering Information Model Description Delivery Form Package AS1530-T 12-bit ADC, 8-channel, 400ksps Tape and Reel 20-pin TSSOP AS1530 12-bit ADC, 8-channel, 400ksps Tubes 20-pin TSSOP AS1531-T 12-bit ADC, 8-channel, 300ksps Tape and Reel 20-pin TSSOP AS1531 12-bit ADC, 8-channel, 300ksps Tubes 20-pin TSSOP |