Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1528 Fiches technique(PDF) 20 Page - ams AG

No de pièce AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Fiches technique(HTML) 20 Page - ams AG

Back Button AS1528 Datasheet HTML 13Page - ams AG AS1528 Datasheet HTML 14Page - ams AG AS1528 Datasheet HTML 15Page - ams AG AS1528 Datasheet HTML 16Page - ams AG AS1528 Datasheet HTML 17Page - ams AG AS1528 Datasheet HTML 18Page - ams AG AS1528 Datasheet HTML 19Page - ams AG AS1528 Datasheet HTML 20Page - ams AG AS1528 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
www.austriamicrosystems.com
Revision 1.02
20 - 21
AS1528/AS1529
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 8.
Note: All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 8. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS1528-BTDT
150ksps, 10-Bit, 1-Channel True-Differential ADC
Tape & Reel
8-pin TDFN (3x3mm)
AS1528-BTDR
150ksps, 10-Bit, 1-Channel True-Differential ADC
Tray
8-pin TDFN (3x3mm)
AS1529-BTDT
150ksps, 10-Bit, 2-Channel Single-Ended ADC
Tape & Reel
8-pin TDFN (3x3mm)
AS1529-BTDR
150ksps, 10-Bit, 2-Channel Single-Ended ADC
Tray
8-pin TDFN (3x3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21