Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1524 Fiches technique(PDF) 14 Page - ams AG

No de pièce AS1524
Description  150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1524 Fiches technique(HTML) 14 Page - ams AG

Back Button AS1524 Datasheet HTML 10Page - ams AG AS1524 Datasheet HTML 11Page - ams AG AS1524 Datasheet HTML 12Page - ams AG AS1524 Datasheet HTML 13Page - ams AG AS1524 Datasheet HTML 14Page - ams AG AS1524 Datasheet HTML 15Page - ams AG AS1524 Datasheet HTML 16Page - ams AG AS1524 Datasheet HTML 17Page - ams AG AS1524 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.austriamicrosystems.com
Revision 1.02
14 - 22
AS1524/AS1525
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 22. AS1524 Bipolar Transfer Function
011...111
011...110
000...010
000...001
000...000
111...111
111...110
111...101
100...001
100...000
Input Voltage (LSB)
-FS
0
+FS-1 LSB
VCOM
≥ VREF /2
VIN = AIN+ - AIN-
Full Scale = VREF/2
-Full Scale = -VREF/2
Zero Scale = 0
1 LSB = VREF/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22