Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1500 Fiches technique(PDF) 11 Page - ams AG

No de pièce AS1500
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1500 Fiches technique(HTML) 11 Page - ams AG

Back Button AS1500_1 Datasheet HTML 6Page - ams AG AS1500_1 Datasheet HTML 7Page - ams AG AS1500_1 Datasheet HTML 8Page - ams AG AS1500_1 Datasheet HTML 9Page - ams AG AS1500_1 Datasheet HTML 10Page - ams AG AS1500_1 Datasheet HTML 11Page - ams AG AS1500_1 Datasheet HTML 12Page - ams AG AS1500_1 Datasheet HTML 13Page - ams AG AS1500_1 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
11 - 14
AS1500
Data Sheet - Deta iled Description
Applications
The digital potentiometer can replace in many applications the analog trimming potentiometer. The digital
potentiometer is not sensitive to vibrations and shocks. It has an extremely small form-factor and can be adjusted very
fast (e.g. AS1500 has an update rate of 600kHz). Furthermore the temperature drift, resolution and noise are
significant better and cannot be achieved with a mechanical trimming potentiometer. Due to the programmability the
resistor settings can be stored in the system memory, so that after a power down the exact settings can be recalled
easily.
All analog signals must remain within 0 to VCC range. For standard potentiometer applications the wiper output can be
used directly. In the case of a low impedance load, a buffer shall be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14