Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1340 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Fiches technique(HTML) 2 Page - ams AG

  AS1340 Datasheet HTML 1Page - ams AG AS1340 Datasheet HTML 2Page - ams AG AS1340 Datasheet HTML 3Page - ams AG AS1340 Datasheet HTML 4Page - ams AG AS1340 Datasheet HTML 5Page - ams AG AS1340 Datasheet HTML 6Page - ams AG AS1340 Datasheet HTML 7Page - ams AG AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.austriamicrosystems.com
Revision 1.10
2 - 16
AS1340
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1EN
Active-High Enable Input. A logic low on this pin shuts down the device and
reduces the supply current to 0.1µA.
Note: Connect to VCC for normal operation.
2VCC
+2.7V to +5.5V Supply Voltage. Bypass this pin to GND with a
≥1µF capacitor.
3SWVIN
Shutdown Disconnect Switch In
4POK
Power-OK.
0 = VOUT < 90% of VOUTNOM.
1 = VOUT > 90% of VOUTNOM.
5LX
Inductor. The drain of the internal N-channel MOSFET.
Note: This pin is high impedance in shutdown.
6SWOUT
Shutdown Disconnect Switch Out. Disconnects the input from the output during
shutdown.
7GND
Ground. This pin and pin 9 must be connected to GND to ensure normal operation.
8FB
Feedback Pin. Feedback input to the gm error amplifier. Connect a resistor divider
tap to this pin. The output voltage can be adjusted from VIN to 50V by:
VOUT = 1.25V[1 + (R1/R2)]
9GND
Ground. This pin and pin 7 must be connected to GND to ensure normal operation.
5LX
3
SWVIN
2
VCC
1
EN
8FB
AS1340
4
POK
7GND
6 SWOUT
9
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16