Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1322 Fiches technique(PDF) 16 Page - ams AG

No de pièce AS1322
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1322 Fiches technique(HTML) 16 Page - ams AG

Back Button AS1322 Datasheet HTML 9Page - ams AG AS1322 Datasheet HTML 10Page - ams AG AS1322 Datasheet HTML 11Page - ams AG AS1322 Datasheet HTML 12Page - ams AG AS1322 Datasheet HTML 13Page - ams AG AS1322 Datasheet HTML 14Page - ams AG AS1322 Datasheet HTML 15Page - ams AG AS1322 Datasheet HTML 16Page - ams AG AS1322 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.austriamicrosystems.com
Revision 1.07
16 - 17
AS1322
Data Sheet - Or dering Informati on
11 Ordering Information
The device is available as the standard products listed in Table 8.
All devices are RoHS compliant and free of halogene substances.
Table 8. Ordering Information
Model
Marking
Descriptiom
Delivery Form
Package
AS1322A-BTTT
ASKQ
Low Voltage, Micropower, DC-DC Step-Up
Converter with Automatic Powersave Operation
Tape and Reel
6-pin TSOT-23
AS1322B-BTTT
ASKZ
Low Voltage, Micropower, DC-DC Step-Up
Converter with Continuous Switching
Tape and Reel
6-pin TSOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17