| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1116 Fiches technique(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1116 Fiches technique(HTML) 19 Page - ams AG |
|
19 / 20 page ![]() www.austriamicrosystems.com Revision 1.04 19 - 20 AS1116 Datasheet - O r d e r i n g I n f o r m a t i o n 11 Ordering Information The devices are available as the standard products shown in Table 23. All devices are RoHS compliant and free of halogene substances. Table 23. Ordering Information Ordering Code Marking Desciption Delivery Form Package AS1116-BSST AS1116 64 LED Driver with Detailed Error Detection Tape and Reel QSOP-24 AS1116-BQFT ASR9 64 LED Driver with Detailed Error Detection Tape and Reel TQFN(4x4)-24 |