Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1115-BSST Fiches technique(PDF) 21 Page - ams AG

No de pièce AS1115-BSST
Description  64 LEDs, I짼C Interfaced LED Driver with Keyscan
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1115-BSST Fiches technique(HTML) 21 Page - ams AG

Back Button AS1115-BSST Datasheet HTML 16Page - ams AG AS1115-BSST Datasheet HTML 17Page - ams AG AS1115-BSST Datasheet HTML 18Page - ams AG AS1115-BSST Datasheet HTML 19Page - ams AG AS1115-BSST Datasheet HTML 20Page - ams AG AS1115-BSST Datasheet HTML 21Page - ams AG AS1115-BSST Datasheet HTML 22Page - ams AG AS1115-BSST Datasheet HTML 23Page - ams AG AS1115-BSST Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.austriamicrosystems.com
Revision 1.03
21 - 24
AS1115
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The AS1115 is available in the QSOP-24 package.
Figure 28. QSOP-24 Package
Symbol
Min
Max
A1.35
1.75
A1
0.10
0.25
A2
1.37
1.57
b0.20
0.30
C0.19
0.25
D8.55
8.74
E5.79
6.20
E1
3.81
3.99
e
0.635 BSC
h0.22
0.49
L0.40
1.27
θ
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24