Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE7878ACPZ Fiches technique(PDF) 69 Page - Analog Devices

No de pièce ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Fiches technique(HTML) 69 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 65Page - Analog Devices ADE7878ACPZ Datasheet HTML 66Page - Analog Devices ADE7878ACPZ Datasheet HTML 67Page - Analog Devices ADE7878ACPZ Datasheet HTML 68Page - Analog Devices ADE7878ACPZ Datasheet HTML 69Page - Analog Devices ADE7878ACPZ Datasheet HTML 70Page - Analog Devices ADE7878ACPZ Datasheet HTML 71Page - Analog Devices ADE7878ACPZ Datasheet HTML 72Page - Analog Devices ADE7878ACPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
ADE7878
Rev. 0 | Page 69 of 92
SCLK
HSDATA
HSACTIVE
24
31
16
23
8
15
0
7
IAVW (BYTE 3)
7 HCLK CYCLES
IAWV (BYTE 2)
IAWV (BYTE 1)
CVAR (BYTE 0)
7 HCLK CYCLES
Figure 88. HSDC Communication for HSIZE = 1, HGAP = 1, HXFER[1:0] = 00, and HSAPOL = 0
ADE7878 EVALUATION BOARD
An evaluation board built on the ADE7878 configura-
tion supports all ADE7878 components. For details, visit
www.analog.com/ADE7878.
DIE VERSION
The register named version identifies the version of the die.
It is an 8-bit, read-only register located at Address 0xE707.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92