Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1102 Fiches technique(PDF) 9 Page - ams AG

No de pièce AS1102
Description  Low-Dropout LED Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1102 Fiches technique(HTML) 9 Page - ams AG

Back Button AS1102 Datasheet HTML 5Page - ams AG AS1102 Datasheet HTML 6Page - ams AG AS1102 Datasheet HTML 7Page - ams AG AS1102 Datasheet HTML 8Page - ams AG AS1102 Datasheet HTML 9Page - ams AG AS1102 Datasheet HTML 10Page - ams AG AS1102 Datasheet HTML 11Page - ams AG AS1102 Datasheet HTML 12Page - ams AG AS1102 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.austriamicrosystems.com
Revision 1.5
9 - 13
AS1101/AS1102/AS1103/AS1104
Data Sheet - Ap p lica tio n In fo r m a tio n
8 Application Information
Figure 19. Typical Application Diagrams
Setting the LED Current
The current going into the LEDs is approximately OCMR times greater then the current ISET. LED current is controlled
by VSET and RSET (see Figure 19) according to the formula:
ILED = OCMR x (VSET - VCTRL)/RSET
(EQ 1)
For VSET = 3V and a specific LED current, the value of RSET can be determined using the graphs shown in Figure 9,
Figure 10, and Figure 11 on page 7. For any other option, the value of ISET can be determined using the graph in
Figure 3 on page 6.
Note:
LED brightness can also be adjusted by driving pin ENABLE or pin CTRL with a PWM signal.
4 Diode Control with Enable
3 Diode Control with Enable
AS1103
4 Diode Control
VIN
AS1101
ISET
2 Diode Control with Enable
VIN
RSET
ENABLE
VSET
(3V)
VSAT
GND
GND
CTRL
I3/I4
I1/I2
ON
ISET
RSET
VSET
(3V)
CTRL
VSAT
I1
I2
I3
I4
AS1102
ISET
VIN
RSET
ENABLE
VSET
(3V)
GND
CTRL
ON
VSAT
I1
I2
I3
AS1104
VIN
GND
VSAT
I1
I2
I3
I4
ISET
RSET
ENABLE
VSET
(3V)
CTRL
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13