Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM562AP Fiches technique(PDF) 13 Page - Davicom Semiconductor, Inc.

No de pièce DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAVICOM [Davicom Semiconductor, Inc.]
Site Internet  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM562AP Fiches technique(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM562AP_07 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM562AP_07 Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
13
27
PAR
I/O
PCI Parity
This signal indicates even parity across AD0~AD31 and C/BE0#~C/BE3#
including the PAR pin. It is stable and valid one clock after the address phase.
36
RST#
I
Reset:
An active low signal used to reset the DM6588A.
76
RIN
I
Ring Signal Input for Auxiliary Power
77
GND_AUX
P
Auxiliary Ground
Version: DM562AP-DS-F03
Nov. 09, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48