| Moteur de recherche de fiches techniques de composants électroniques |
|
ACE703 Fiches technique(PDF) 3 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE703 Fiches technique(HTML) 3 Page - ACE Technology Co., LTD. |
|
3 / 16 page ![]() ACE703 Technology White LED PFM Step-Up DC-DC Converter VER 1.2 3 Block Diagram ACE703 Recommended Work Conditions Item Min Nom Max Unit Input Voltage Range 0.8 Vout V Inductor 10 22 100 μH Input capacitor 0 ≧ 22 μF Output capacitor 47 100 220 μF Compensation capacitor 10 22 47 μF Operating junction temperature -20 85 ℃ *Suggestion: Tantalum capacitor is recommended to reduce the ripple of the output voltage |