Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40W Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce BAS40W
Description  General-purpose Schottky diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS40W Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button BAS40W Datasheet HTML 13Page - NXP Semiconductors BAS40W Datasheet HTML 14Page - NXP Semiconductors BAS40W Datasheet HTML 15Page - NXP Semiconductors BAS40W Datasheet HTML 16Page - NXP Semiconductors BAS40W Datasheet HTML 17Page - NXP Semiconductors BAS40W Datasheet HTML 18Page - NXP Semiconductors BAS40W Datasheet HTML 19Page - NXP Semiconductors BAS40W Datasheet HTML 20Page - NXP Semiconductors BAS40W Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
BAS40_1PSXXSB4X_SER_8
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 13 January 2010
18 of 21
NXP Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
Fig 28. Reflow soldering footprint SOT416
Reflow soldering is the only recommended soldering method.
Fig 29. Reflow soldering footprint SOT666
solder resist
occupied area
solder lands
solder paste
Dimensions in mm
msa438
2.0
0.6
(3x)
0.7
1.5
1
2
3
1.1
2.2
0.5
(3x)
0.85
0.6
1.9
solder lands
placement area
occupied area
solder paste
sot666_fr
2.75
2.45
2.1
1.6
0.4
(6
×)
0.55
(2
×)
0.25
(2
×)
0.6
(2
×)
0.65
(2
×)
0.3
(2
×)
0.325
(4
×)
0.45
(4
×)
0.5
(4
×)
0.375
(4
×)
1.7
2
1.7
1.075
0.538
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21