Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40 Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce BAS40
Description  General-purpose Schottky diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS40 Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button BAS40 Datasheet HTML 12Page - NXP Semiconductors BAS40 Datasheet HTML 13Page - NXP Semiconductors BAS40 Datasheet HTML 14Page - NXP Semiconductors BAS40 Datasheet HTML 15Page - NXP Semiconductors BAS40 Datasheet HTML 16Page - NXP Semiconductors BAS40 Datasheet HTML 17Page - NXP Semiconductors BAS40 Datasheet HTML 18Page - NXP Semiconductors BAS40 Datasheet HTML 19Page - NXP Semiconductors BAS40 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
BAS40_1PSXXSB4X_SER_8
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 13 January 2010
16 of 21
NXP Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
Dimensions in mm
Fig 24. Reflow soldering footprint SOT143B
Fig 25. Wave soldering footprint SOT143B
msa441
0.60
(4x)
1.30
2.50
3.00
2.70
0.50 (3x)
0.60 (3x)
3.25
43
2
1
0.90
1.00
solder lands
solder resist
occupied area
solder paste
msa422
4.00 4.60
1.20 (3
×)
4.45
12
3
4
1.15
3.40
1.00
preferred transport direction during soldering
solder lands
solder resist
occupied area
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21