Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24C08 Fiches technique(PDF) 6 Page - ACE Technology Co., LTD.

No de pièce ACE24C08
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C08 Fiches technique(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24C08 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C08 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C08 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C08 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C08 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C08 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C08 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C08 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C08 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
 
                                                                                      
ACE24(L)C02/04/08/16
                        Technology
Two-wire Serial EEPROM
VER 1.3
6
ACE24LC02/04/08/16
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +3.6V, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.7
3.6
V
ICC1
Supply Current
VCC = 3.6V, Read at 100K
0.4
1.0
mA
ICC2
Supply Current
VCC = 3.6V, Write at 100K
1.5
2.0
mA
ISB1
Standby Current
VCC = 1.7V, VIN = VCC/ VSS
1.0
µA
ISB2
Standby Current
VCC = 3.6V, VIN = VCC/ VSS
3.0
µA
ILI
Input Leakage Current
VIN = VCC/VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC/ VSS
0.05
3.0
µA
VIL
1
Input Low Level
-0.6
VCCx0.3
V
VIH
1
Input High Level
VCCx0.7
5.5
V
VOL
Output Low Level
VCC = 2.7V, IOL = 2.1 mA
0.4
V
VOL1
Output Low Level
VCC = 3.0V, IOL = 2.1 mA
0.4
V
VOL2
Output Low Level
VCC = 1.8V, IOL = 0.15 mA
0.2
V
Note: 1. VIL min and VIH max are reference only and are not tested.
AC Characteristics
ACE24C02/04/08/16
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +2.5V to +5.5V, CL = 1 TTL Gate and 100
pF (unless otherwise noted). Test conditions are listed in Note 2.
2.2-volt
5.0-volt
Symbol
Parameter
Min Max Min Max
Units
fSCL
Clock Frequency, SCL
100
400
kHz
TLOW
Clock Pulse Width Low
4.7
1.2
µs
THIGH
Clock Pulse Width High
4.0
0.6
µs
TAA
Clock Low to Data Out Valid
0.1
4.5
0.1
0.9
µs
TBUF
1
Time the bus must be free before a new transmission can
Start
4.7
1.2
µs
THD.STA
Start Hold Time
4.0
0.6
µs
TSU.STA
Start Setup Time
4.7
0.6
µs
THD.DAT
Data In Hold Time
0
0
µs
TSU.DAT
Data In Setup Time
200
100
ns
TR
Inputs Rise Time
1.0
0.3
µs
TF
Inputs Fall Time
300
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com