| Moteur de recherche de fiches techniques de composants électroniques |
|
SW100533NJL Fiches technique(PDF) 4 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SW100533NJL Fiches technique(HTML) 4 Page - ABC Taiwan Electronics Corp |
|
4 / 8 page ![]() G.W. (Kg) 10,000 Q'TY (pcs) ( 2 ) Q'TY & G.W. Per package Series SW1005 ( 2 ) Dimensions 07 - 08 Style 178 A 07 - 08 Style G.W. (gw) 100 Inner : Reel 500,000 Q'TY (pcs) User direction of feed 13 21±0.8 B C 8 D 41 x 39 x 22 Size (cm) 5.50 Outer : Carton +0 10 G -0 50 N 12.5 T Unit:m/m Components ABC'S DWG NO. ABC'S ITEM NO. SPECIFICATION FOR APPROVAL Carrier Tape Width : D ※ 200 m/m Min. End Leader no component P:2m/m 4 m/m G C ∮ 2.0±0.5 Ⅶ﹒PACKAGING INFORMATION: ( 1 ) Configuration NAME PROD. T Start Trailer 400 m/m Min. no component Embossed Carrier D PAGE: 4 Cover Tape SW1005□□□□L□-□□□ WOUND CHIP INDUCTOR AR-001A REF : 20080711-B |