| Moteur de recherche de fiches techniques de composants électroniques |
|
SW252033NJL Fiches technique(PDF) 1 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SW252033NJL Fiches technique(HTML) 1 Page - ABC Taiwan Electronics Corp |
|
1 / 8 page ![]() 50sec max. SW2520□□□□L□-□□□ Ⅲ﹒ MATERIALS: a﹒Core:Ceramic b﹒WIRE :Enamelled copper wire (class H) e﹒Remark:Products comply with RoHS' d﹒Encapsulate:Epoxy c﹒Terminal: b﹒Rated current:Current cause inductance a﹒Temp Rise :15℃ max. c﹒Storage temp.:-40℃ ----+125℃ d﹒Operating temp.:-40℃----+125℃ Ⅳ﹒ GENERAL SPECIFICATION: AR-001A drop within 10% max. Mo / Mn + Ni + Au requirements 100 0 50 50 150 250 200 Time ( seconds ) 100 150 70sec max. 150 ~ 200 / 60 ~ 120sec ℃ Preheat Area Max time above 200℃ :70sec max. Max time above 230℃ :50sec max. Peak Temp:260℃ max. +4.0 / sec max. ℃ Rising Area Temperature / sec max. +2.0 ~ 4.0℃ Reflow Area c b Ⅱ﹒ SCHEMATIC DIAGRAM: Ⅰ﹒ CONFIGURATION & DIMENSIONS: WOUND CHIP INDUCTOR Marking Inductance Code NAME PROD. REF : F : 1.50 F E E I G ( PCB Pattern ) I H : 2.30 G : 1.20 I : 0.65 ABC'S ITEM NO. ABC'S DWG NO. SPECIFICATION FOR APPROVAL R12 A E : 0.50 D : 0.50 C : 1.60±0.2 B : 2.00±0.2 A : 2.50±0.2 Peak Temperature: 250 200 230 ℃ 260 ℃ Forced Cooling Area -(1.0 ~ 5.0) / sec max. ℃ m/m a d m/m m/m m/m m/m m/m m/m m/m m/m PAGE: 1 |
Numéro de pièce similaire - SW252033NJL |
|
Description similaire - SW252033NJL |