| Moteur de recherche de fiches techniques de composants électroniques |
|
SS7045330ML Fiches technique(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SS7045330ML Fiches technique(HTML) 7 Page - ABC Taiwan Electronics Corp |
|
7 / 8 page ![]() 180 ___ Polyamide Polyesterimide ____ EILOCKY MW77C MW26C MW79 ANSI MW2-C MW80C MW75C Type MW26C MW79-C MW24-C MW74-C MW27-C MW27-C MW28-C MW28-C , material designation or marked designation on packaed or reel, and For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- Recognized Component Mark. @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. Marking: Company name or trademarks fies base coated magnet wire twisted together and covered with top coat overall. See General Information Preceding These Recognitions AR-001A 287806002 Page 2 of 2 or 榮星電線 Mtl SFFY UEW-1 UEW-2 UEY UEY-2 UEW-4 Dsg SFFW 287806002 SF.BW@ PEY SF.BY@ SF.FLY@ SF.EIW SF.EILOCKBS SF.EILOCKY# SF.BLOCKBS SF.FLW EILOCKW EIW EIW-2 PEW LSUEW LSFFW FL.EILOCKY Polyamide Page 1 of 2 Coat Typ Mark ____ ____ ____ ____ ____ Dsg ____ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC Modified Polyester ____ ____ Polyurethane Polyamide Nylon Polyamide ____ ____ ____ OC ___ ____ Polyester ____ Modified Polyester Modified Polyester Modified Polyester ____ ____ ____ ____ ____ ____ Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester ____ ____ ____ ____ ____ ____ ____ Polyester Polyurethane Polyurethane Polyesterimide Polyesterimide Polyesterimide Nylon ____ Nylon Nylon Polyamide Polyamide Modified Modified ____ ___ ___ ___ Modified Polyamide Epoxy ____ ____ ____ ____ ____ ___ ___ ___ ___ OBMW2⁄E174837 September 8 , 2000 Temp 130 130 130 130 Class 155 105 committed to quality service dedicated to public safety and A not-for-profit organization 155 155 155 155 155 180 180 155 180 155 155 155 130 155 200 220 200 SPECIFICATION FOR APPROVAL Type ANSI MW35C MW75C MW81-C POWER INDUCTOR SHIELDED SMD HSIEN TAIWAN Magnet Wire-Component JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN EIAIW CFUEWB AIW Dsg Mtl OBMW2 PROD. NAME Ⅸ﹒UL CARD: Coat Typ September 8, 2000 Polyamideimide ____ Dsg ____ ____ ____ Mark BC Polyurethane Polyesterimide Polyamideimide ____ OC ____ ___ ABC'S DWG NO. ABC'S ITEM NO. REF : 20090814-C Class 200 130 220 Temp E174837 SS7045□□□□L□-□□□ PAGE: 7 |