| Moteur de recherche de fiches techniques de composants électroniques |
|
SS6038681ML Fiches technique(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SS6038681ML Fiches technique(HTML) 7 Page - ABC Taiwan Electronics Corp |
|
7 / 8 page ![]() SPECIFICATION FOR APPROVAL Ⅸ﹒UL CARD: REF : NAME PROD. ABC'S DWG NO. ABC'S ITEM NO. PAGE: 6 SHIELDED SMD POWER INDUCTOR SS6038□□□□L□-□□□ AR-001A Epoxy LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. See General Information Preceding These Recognitions fies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. 287806002 Recognized Component Mark. ____ ____ SF.BW@ ____ Dsg Dsg UEW-4 UEY-2 UEY UEW-2 UEW-1 SFFY ____ ____ ____ ____ ____ 287806002 Mtl SFFW Mark ____ SF.FLW SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.EIW SF.FLY@ SF.BY@ ____ ____ ____ ____ ____ FL.EILOCKY LSFFW LSUEW PEY PEW EIW-2 EIW ____ ____ ____ ____ ____ ____ ____ ____ , material designation or marked designation on packaed or reel, and Page 2 of 2 榮星電線 or September 8 , 2000 OBMW2⁄E174837 MW28-C MW28-C MW27-C MW27-C MW74-C MW24-C MW79-C ____ Modified Polyester Coat Typ Page 1 of 2 BC Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane OC Polyamide Nylon ____ ____ Polyamide ____ Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Modified Polyester Polyester Modified Polyesterimide Modified Polyester Polyurethane Polyurethane Polyesterimide Polyester Polyester ____ Modified Polyamide Modified Polyamide Polyamide Nylon Nylon ____ Polyamide ____ ____ ____ ____ ____ Nylon 155 MW26C Class Type MW75C MW80C MW2-C ___ 130 130 130 130 105 155 A not-for-profit organization dedicated to public safety and co mm itted to quality service ANSI MW79 Temp 155 155 MW26C ___ ___ MW77C ___ 180 180 180 155 155 155 ___ ___ ___ ___ 155 155 130 155 200 155 220 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN JUNG SHING WIRE CO LTD Magnet Wire-Component OBMW2 AIW CFUEWB EILOCKW EILOCKY EIAIW Dsg Mtl ____ ____ ____ ____ Dsg ____ Mark HSIEN TAIWAN MW81-C September 8, 2000 Coat Typ Polyesterimide Polyesterimide Polyesterimide Polyamideimide Polyurethane BC Polyamideimide Polyamide Modified ____ OC ____ MW75C MW35C ___ ___ ANSI Type 220 130 180 200 200 Class Temp E174837 20081111-A |