| Moteur de recherche de fiches techniques de composants électroniques |
|
SS0802151ML Fiches technique(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SS0802151ML Fiches technique(HTML) 7 Page - ABC Taiwan Electronics Corp |
|
7 / 8 page ![]() 200 ___ Modified Polyesterimide ____ EILOCKW ____ ____ ____ ____ Polyamide ____ ____ Polyamide Polyamide Modified Modified ____ ____ Polyamide ____ OC Nylon Polyamide ____ Polyamide ____ , material designation or marked designation on packaed or reel, and For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- Recognized Component Mark. Marking: Company name or trademarks @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. fies base coated magnet wire twisted together and covered with top coat overall. See General Information Preceding These Recognitions AE-001A 287806002 Page 2 of 2 or 榮星電線 FL.EILOCKY SF.EILOCKBS SF.EILOCKY# SF.BLOCKBS Mtl UEW-2 UEY-2 UEW-4 UEY SFFY Dsg UEW-1 287806002 SFFW SF.BW@ PEY SF.BY@ SF.FLY@ SF.EIW SF.FLW LSUEW LSFFW PEW EIW-2 EIW ____ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Modified Polyester Mark ____ ____ ____ ____ ____ ____ Dsg ____ Coat Typ BC Page 1 of 2 Polyesterimide Polyurethane Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Modified Polyester Modified Polyester Modified Polyester ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Polyester Modified Polyester Polyester OBMW2⁄E174837 September 8 , 2000 committed to quality service dedicated to public safety and A not-for-profit organization ANSI MW75C MW28-C MW28-C MW2-C MW80C Type ___ MW79 MW26C Temp 130 130 130 130 155 105 Class 155 155 Nylon MW24-C Nylon Nylon ___ ___ ___ MW77C MW26C MW27-C MW27-C Epoxy MW79-C ___ ___ MW74-C ___ ___ 155 155 180 180 155 180 155 155 155 155 130 155 220 200 Polyamide ____ ____ OC Polyamideimide 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN ABC'S DWG NO. ABC'S ITEM NO. SPECIFICATION FOR APPROVAL HSIEN TAIWAN Magnet Wire-Component JUNG SHING WIRE CO LTD SHIELDED SMD ⅩⅠ﹒ UL CARD: AIW EILOCKY CFUEWB EIAIW Dsg Mtl OBMW2 NAME PROD. Polyesterimide Polyamideimide Polyurethane Polyesterimide ____ ____ ____ ____ Mark Dsg Coat Typ BC September 8, 2000 POWER INDUCTOR REF : E174837 MW81-C MW35C MW75C ___ Type ANSI 220 180 200 130 Temp Class SS0802□□□□L□-□□□ PAGE: 7 |