| Moteur de recherche de fiches techniques de composants électroniques |
|
SS06041R5ML Fiches technique(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SS06041R5ML Fiches technique(HTML) 6 Page - ABC Taiwan Electronics Corp |
|
6 / 7 page ![]() 200 180 ___ Modified Polyamide Polyesterimide Polyesterimide ____ EILOCKY EILOCKW Modified Polyester Modified Polyester Modified Polyester Modified Polyester Modified Polyester @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. fies base coated magnet wire twisted together and covered with top coat overall. See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- AE-001A Recognized Component Mark. 287806002 Marking: Company name or trademarks 287806002 SF.BW@ Mtl UEW-2 UEY UEY-2 UEW-4 SFFY UEW-1 Dsg SFFW Mark ____ ____ ____ ____ ____ Dsg ____ ____ ____ FL.EILOCKY SF.BY@ SF.FLY@ SF.EILOCKBS SF.EILOCKY# SF.BLOCKBS PEY SF.EIW SF.FLW PEW LSUEW LSFFW EIW EIW-2 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ , material designation or marked designation on packaed or reel, and Page 2 of 2 榮星電線 or OBMW2⁄E174837 September 8 , 2000 MW77C MW26C MW79 MW2-C MW80C MW75C MW26C MW79-C MW24-C MW74-C MW27-C MW27-C MW28-C MW28-C Polyamide Coat Typ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC Polyurethane Page 1 of 2 ANSI ____ Nylon Polyamide ____ Polyamide ____ OC ___ Type ____ Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyester Polyesterimide Polyurethane Polyurethane Polyesterimide Nylon ____ Nylon Modified Polyamide Polyamide Modified Nylon ____ ___ ___ ___ Polyamide ____ ____ ____ ____ ____Epoxy ___ ___ ___ ___ Temp 130 130 130 130 155 105 Class committed to quality service dedicated to public safety and A not-for-profit organization 155 155 155 155 155 180 180 180 155 155 155 155 130 155 220 200 SPECIFICATION FOR APPROVAL POWER INDUCTOR Polyamideimide JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN PROD. NAME Ⅸ﹒ UL CARD: HSIEN TAIWAN CFUEWB OBMW2 Magnet Wire-Component Dsg EIAIW AIW Mtl Mark ____ Dsg ____ ____ ____ SHIELDED SMD REF : SS0604□□□□L□-□□□ MW35C MW75C MW81-C Polyamideimide September 8, 2000 Polyurethane Polyesterimide BC Coat Typ ____ OC ____ Type ___ ANSI ABC'S DWG NO. ABC'S ITEM NO. Class 200 130 220 Temp E174837 PAGE: 6 |