Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B57238 Fiches technique(PDF) 7 Page - EPCOS

No de pièce B57238
Description  NTC thermistors for inrush current limiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B57238 Fiches technique(HTML) 7 Page - EPCOS

Back Button B57238 Datasheet HTML 3Page - EPCOS B57238 Datasheet HTML 4Page - EPCOS B57238 Datasheet HTML 5Page - EPCOS B57238 Datasheet HTML 6Page - EPCOS B57238 Datasheet HTML 7Page - EPCOS B57238 Datasheet HTML 8Page - EPCOS B57238 Datasheet HTML 9Page - EPCOS B57238 Datasheet HTML 10Page - EPCOS B57238 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Bulk packing
The components are packed in cardboard boxes, the size of which depends on the order quantity.
2
Packing codes
The last two digits of the complete ordering code state the packing mode:
Last two digits
00
Bulk
51
Radial leads, kinked
Cardboard tape
360 or 500-mm reel packing
53
Radial leads, straight
Cardboard tape
360 or 500-mm reel packing
54
Radial leads, kinked
Cardboard tape
AMMO packing
55
Radial leads, straight
Cardboard tape
AMMO packing
Example: B57236S0160M000
Bulk
B57236S0160M051
Cardboard tape, reel
B57236S0160M054
Cardboard tape, AMMO packing
Inrush current limiters
B57238
ICLs
S238
Page 7 of 15
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15