| Moteur de recherche de fiches techniques de composants électroniques |
|
B41863 Fiches technique(PDF) 2 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B41863 Fiches technique(HTML) 2 Page - EPCOS |
|
2 / 27 page ![]() Long-life grade capacitors Applications Automotive electronics: energy reserve for airbag application Features Compact design High CV product B41853, designed for severe charge and discharge conditions B41863, designed for standard charge and discharge conditions Construction Radial leads Charge/discharge-proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulating sleeve Stand-off rubber seal Case with safety vent Delivery mode Terminal configurations and packing: Bulk Taped, Ammo pack Cut Kinked PAPR (protection against polarity reversal): crimped leads, J leads, bent leads Refer to chapter "Single-ended capacitors Taping, packing and lead configurations" for further details and ordering example. Single-ended capacitors B41853, B41863 For airbag applications 105 °C Page 2 of 27 Please read Cautions and warnings and Important notes at the end of this document. |