| Moteur de recherche de fiches techniques de composants électroniques |
|
B41691 Fiches technique(PDF) 13 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B41691 Fiches technique(HTML) 13 Page - EPCOS |
|
13 / 16 page ![]() Topic Safety information Reference Chapter "General technical information" Soldering, cleaning agents Do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "Cleaning agents" Passive flammability Avoid external energy, such as fire or electricity. 8.1 "Passive flammability" Active flammability Avoid overload of the capacitors. 8.2 "Active flammability" Reference Chapter "Capacitors with screw terminals" Breakdown strength of insulating sleeves Do not damage the insulating sleeve, especially when ring clips are used for mounting. "Screw terminals - accessories" B41691, B41791 Long useful life up to 150 °C Page 13 of 16 Please read Cautions and warnings and Important notes at the end of this document. |