| Moteur de recherche de fiches techniques de composants électroniques |
|
B32340C2011A720 Fiches technique(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B32340C2011A720 Fiches technique(HTML) 1 Page - EPCOS |
|
1 / 12 page ![]() Film capacitors – Power Factor Correction PhiCap capacitors Series/Type: B32340C / MKPxxx-I Ordering code: B32340C****A*** Date: June 2009 Version: 3 EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! Identification/Classification 1 (header 1 + top left bar): Film capacitors – Power Factor Correction Identification/Classification 2 (header 2 + bottom left header bar): PhiCap capacitors Ordering code: (top right header bar) B32340C****A*** Series/Type: (top right header bar) B32340C / MKPxxx-I Preliminary data (optional): (if necessary) Preliminary data Department: FK PC PM PFC Date: June 2009 Version: 3 |
Numéro de pièce similaire - B32340C2011A720 |
|
Description similaire - B32340C2011A720 |