Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B85121A2103C160 Fiches technique(PDF) 4 Page - EPCOS

No de pièce B85121A2103C160
Description  EMC filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B85121A2103C160 Fiches technique(HTML) 4 Page - EPCOS

  B85121A2103C160 Datasheet HTML 1Page - EPCOS B85121A2103C160 Datasheet HTML 2Page - EPCOS B85121A2103C160 Datasheet HTML 3Page - EPCOS B85121A2103C160 Datasheet HTML 4Page - EPCOS B85121A2103C160 Datasheet HTML 5Page - EPCOS B85121A2103C160 Datasheet HTML 6Page - EPCOS B85121A2103C160 Datasheet HTML 7Page - EPCOS B85121A2103C160 Datasheet HTML 8Page - EPCOS B85121A2103C160 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1-line filters
Feedthrough components
Mounting instructions
To fully utilize their RF properties, the feedthrough components must be mounted directly into shiel­
ding walls. The case must be contacted seamlessly (sealed against RF signals) to the shielding
wall. This can be best done by screwing it into a threaded hole or bushing so that contact is made
via the threads.
Alternatively, the feedthrough components may be screwed into feed-through holes on the shielding
wall by means of attachment nuts. The contact between case and the shielding wall is then set up
via the contact surface of the thread.
Caution
Contacts with rigid copper busbars are not permitted in view of mechanical stresses of the
bushings due to impacts and vibrations.
For types with screw connections, the connecting cable must be secured between two nuts
to exclude a torque on the feedthrough pins. The use of two flat wrenches is recommended.
Recommended tightening torques for feedthrough components (capacitors, filters)
Thread
dimensions
Tightening
torque (Nm)
Tolerance (Nm)
Terminal
Thread base
attachment
M2
0.2
+0.05
×
M3
0.6
+0.1
×
M4
1.2
+0.1
×
M5
2
+0.5
×
M6
3
+0.5
×
M8
5
+0.5
×
M10
8
+2
×
M12
12
+2
×
M16
28
+2
×
M18
35
+2
×
M10
× 0.75
3
+0.5
×
M12
× 0.75
4
+0.5
×
M20
× 1
0
+1
×
M24
× 1.5
12
+1.5
×
M27
× 1.5
16
+2
×
M32
× 1.5
24
+2.5
×
1
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15