| Moteur de recherche de fiches techniques de composants électroniques |
|
F80/T102 Fiches technique(PDF) 1 Page - ETRI |
|
|
|||||||||||||||||||||||||||||
F80/T102 Fiches technique(HTML) 1 Page - ETRI |
|
|
1 / 1 page ![]() BENEFITS: • Easy mounting • Smart appearance • High mechanical resistance MATERIAL: Plastic UL 94 V0 Model 1, 2 and 3: Black filter pad Model 4: White filter pad PLASTIC FILTERS AB C F60/T102 1 60 50 6,6 F60/T102-03 60 x 60 F80/T102 2 84 71,5 10 F80/T102/03 80 x 80 F90/T102 2 96 82,5 10 F90/T102/03 92 x 92 F120/T102 2 124 104,8 11 F120/T102-03 120 x 120 F120/T111 4 124 104,8 12,5 F120/T101-03 120 x 120 F172/T102 3 180 154 10 F172/T102-03 172 x 150 Part number Dimensions (mm) Filter pads Fans dimensions Model http://www.etrinet.com e-mail: info@etrinet.com ETRI is a trade mark of ECOFIT, Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N°2/0-Rev. 1 |
Numéro de pièce similaire - F80/T102 |
|
Description similaire - F80/T102 |