Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41866 Fiches technique(PDF) 2 Page - EPCOS

No de pièce B41866
Description  Aluminum electrolytic capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41866 Fiches technique(HTML) 2 Page - EPCOS

  B41866 Datasheet HTML 1Page - EPCOS B41866 Datasheet HTML 2Page - EPCOS B41866 Datasheet HTML 3Page - EPCOS B41866 Datasheet HTML 4Page - EPCOS B41866 Datasheet HTML 5Page - EPCOS B41866 Datasheet HTML 6Page - EPCOS B41866 Datasheet HTML 7Page - EPCOS B41866 Datasheet HTML 8Page - EPCOS B41866 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Long-life grade capacitors for automotive electronics
Applications
High-reliability equipment in industrial and automotive
electronics
High-temperature environments
Features
High reliability and long useful life
High ripple current capability
Wide temperature range up to 125
°C
RoHS-compatible
Construction
Charge-discharge proof, polar
Aluminum case with insulating sleeve
Minus pole marking on the insulating sleeve
Case with safety vent
Delivery mode
Terminal configurations and packing:
Bulk
Taped, Ammo pack
Cut
Kinked
PAPR (protection against polarity reversal):
crimped leads, J leads, bent leads
Refer to chapter "Single-ended capacitors
Taping, packing
and lead configurations" for further details and ordering
example.
Single-ended capacitors
B41866
High ripple current
125
°C
Page 2 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32