Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41252 Fiches technique(PDF) 4 Page - EPCOS

No de pièce B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Fiches technique(HTML) 4 Page - EPCOS

  B41252 Datasheet HTML 1Page - EPCOS B41252 Datasheet HTML 2Page - EPCOS B41252 Datasheet HTML 3Page - EPCOS B41252 Datasheet HTML 4Page - EPCOS B41252 Datasheet HTML 5Page - EPCOS B41252 Datasheet HTML 6Page - EPCOS B41252 Datasheet HTML 7Page - EPCOS B41252 Datasheet HTML 8Page - EPCOS B41252 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
4
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing
* = Shorter terminal (4.0
± 0.5) is also available upon request.
KAL1095-Q-E
Mounting
holes
Minus pole marking
0.8±0.1
0.8±0.1
1.5±0.1
10±0.2
ø2±0.1
Safety vent
on the base
Base
Insulating
sleeve
AEC-C_B41252_B43252.book Seite 4 Mittwoch, 16. April 2008 1:08 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24