Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B30674-D2024-R424 Fiches technique(PDF) 21 Page - EPCOS

No de pièce B30674-D2024-R424
Description  SAW Components
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B30674-D2024-R424 Fiches technique(HTML) 21 Page - EPCOS

Back Button B30674-D2024-R424 Datasheet HTML 14Page - EPCOS B30674-D2024-R424 Datasheet HTML 15Page - EPCOS B30674-D2024-R424 Datasheet HTML 16Page - EPCOS B30674-D2024-R424 Datasheet HTML 17Page - EPCOS B30674-D2024-R424 Datasheet HTML 18Page - EPCOS B30674-D2024-R424 Datasheet HTML 19Page - EPCOS B30674-D2024-R424 Datasheet HTML 20Page - EPCOS B30674-D2024-R424 Datasheet HTML 21Page - EPCOS B30674-D2024-R424 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Dec 19, 2008
SAW Components
B30674-D2024-R424
D2024
SAW Frontend Module for Mobile Communication
Data Sheet
EPCOS
Please read cautions and warnings and
important notes at the end of this document.
Notes
Type
D2024
Ordering code
B30674-D2024-R424
Marking, package and recommended pad layout
C61157-A4-A41
Packaging
F61074-V8216-Z000
Date codes
L_1126
S-parameters
Soldering profile
S_6001
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MLIP MO PD
P.O. Box 80 17 09, D-81617 München
© EPCOS AG 2008. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for com-
ponents per se, not for applications, processes and circuits implemented within components or
assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, prices and delivery please contact the sales offices of EPCOS AG
or the international representatives.
Due to technical requirements components may contain dangerous substances. For information
on the type in question please also contact one of our sales offices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22