| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7787 Fiches technique(PDF) 95 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7787 Fiches technique(HTML) 95 Page - Sitronix Technology Co., Ltd. |
|
95 / 217 page ![]() ST7787 V1.7 2008.04.18 95 9.17.2 Module Input/Output Pins 9.17.2.1 Output or Bi-directional (I/O) Pins Output or Bi-directional pins After Power On After Hardware Reset After Software Reset TE Low Low Low D7 to D0 (Output driver) High-Z (Inactive) High-Z (Inactive) High-Z (Inactive) Note: There will be no output from D7-D0 during Power On/Off sequence, Hardware Reset and Software Reset. 9.17.2.2 Input Pins Input pins During Power On Process After Power On After Hardware Reset After Software Reset During Power Off Process RESX See 9.15 Input valid Input valid Input valid See 9.15 CSX Input invalid Input valid Input valid Input valid Input invalid D/CX Input invalid Input valid Input valid Input valid Input invalid WRX Input invalid Input valid Input valid Input valid Input invalid RDX Input invalid Input valid Input valid Input valid Input invalid D7 to D0 Input invalid Input valid Input valid Input valid Input invalid P/SX Input invalid Input valid Input valid Input valid Input invalid |